PART |
Description |
Maker |
MP104-DIN USB-CTR-15-OEM USB-CTR-15E |
Enclosure, module and screw terminal board
|
Advanced Digital Logic, Inc. http://
|
TMPZ84C00AP-8 TMPZ84C00AM-6 |
Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:10; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes CONNECTOR BACKSHELL; ENCLOSURE MATERIAL:THERMOPLASTIC; ENCLOSURE COLOR BLUE; FOR USE WITH:AMPHENOL TUCHEL ECOMATE CIRCULAR CONNECTORS RoHS Compliant: Yes
|
Toshiba Corporation
|
MK11/M8-1C90C-500W MK11/M8-1C90D-500W MK11/M8-1A66 |
Reed Sensor with Screw Thread Enclosure
|
Meder Electronic
|
MP04HBT-16 MP04HBN-16 MP04HBP-16 MP04HBP590-18 MP0 |
Dual Thyristor, Thyristor/Diode Module Dual Thyristor Thyristor/Diode Module Enclosure NEMA Type:1, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.5"; External Width:9.8"; External Depth:6.3"; Enclosure Color:Clear 935 A, 1800 V, SCR Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:12-3 935 A, 1400 V, SCR PT 3C 3#16 SKT RECP 935 A, 1800 V, SCR Euronord Enclosure; NEMA Type:1, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:9.8"; External Width:6.3"; External Depth:4.9"; Enclosure Color:Clear 935 A, 1600 V, SCR
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor Ltd. Dynex Semiconductor, Ltd.
|
USB-IIRO-4DB USB-IIRO4-2SM |
Enclosure and multifunction module
|
Advanced Digital Logic, Inc.
|
LUCL9310AP-D LUCL9310GP-D LUCL9310GP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:16; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes
|
http://
|
0164-H-ABC0-D-E 0164 |
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
|
Schurter Inc.
|
8843.FLR |
IEC Appliance Inlet C14, Screw-on Mounting, Front Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
0183-H-ABC0-D-E 0183 |
IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
|
Schurter Inc.
|
6065-H-ABC0-D-E |
IEC Appliance Inlet C18, Screw-on Mounting, Front Side, Solder or Quick-connect, PCB or Screw Terminal
|
Schurter Inc.
|
CY7C1049-17VC CY7C1049 CY7C1049-20VM CY7C1049-15VC |
Plastic Connector Backshell; Enclosure Material:Polyester; Enclosure Color:Black; Features:For: 101XX-300VE Mini D Ribbon Solder Plugs; No. of Positions:14 RoHS Compliant: Yes 512K X 8 STANDARD SRAM, 20 ns, PDSO36 BACKSHELL, MDR, 20WAY, METAL; For use with:Mini D Ribbon 101XX-6000 EC Plug Connectors; Material:Aluminum; Colour:Nickel; Connector type:Backshell; Ways, No. of:20 RoHS Compliant: Yes 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Plastic Connector Backshell; Enclosure Material:Plastic; Approval Bodies:UL, CSA; Enclosure Color:Beige; Leaded Process Compatible:No; No. of Positions:26; Peak Reflow Compatible (260 C):No RoHS Compliant: No 512K x 8 Static RAM Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|